Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 28 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
Table 7-15. Custom Microstepping Table Values (continued)
Position (degrees)
Sine Indexer Value
Modified Value (CUSTOM_CURRENTx)
56.25
212
192
67.5
235.6
224
78.75
250.1
240
90
255
255
Figure 7-9 shows the corresponding modified current waveform of coil A for one full electrical angle, compared to
waveform generated by sine indexer.
Electrical angle (degrees)
0
30
60
90
120
150
180
210
240
270
300
330
360
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
Sine microstepping indexer
Modified current waveform
Figure 7-9. Customizable Microstepping
7.3.8 Current Regulation
The current through the motor windings is regulated by a PWM current-regulation circuit. When an H-bridge is
enabled, current rises through the winding at a rate dependent on the supply voltage, inductance of the winding,
and the magnitude of the back EMF present. When the current hits the current regulation threshold, the bridge
enters a decay mode for the OFF time to decrease the current, as shown in Figure 7-10. After the off-time
expires, the bridge is re-enabled, starting another PWM cycle.
I
TRIP
t
BLANK
t
OFF
Figure 7-10. Current Chopping Waveform
The PWM regulation current is set by a comparator which monitors the voltage across the current sense
MOSFETs in parallel with the low-side power MOSFETs. When the device is configured with H/W interface, the
current sense MOSFETs are biased with a reference current that is the output of a current-mode sine-weighted
DAC whose full-scale reference current is set by the voltage at the VREF pin. When operating with SPI interface,
two registers (TRQ_DAC and ISTSL) can further scale the reference current.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com