Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 27 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 23Page - Texas Instruments DRV8461SPWPR Datasheet HTML 24Page - Texas Instruments DRV8461SPWPR Datasheet HTML 25Page - Texas Instruments DRV8461SPWPR Datasheet HTML 26Page - Texas Instruments DRV8461SPWPR Datasheet HTML 27Page - Texas Instruments DRV8461SPWPR Datasheet HTML 28Page - Texas Instruments DRV8461SPWPR Datasheet HTML 29Page - Texas Instruments DRV8461SPWPR Datasheet HTML 30Page - Texas Instruments DRV8461SPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 117 page
background image
Note
• The frequency of the STEP input in automatic microstepping mode should be between 10 Hz and
300 kHz.
• To realize automatic microstepping for lower than 10 Hz full step equivalent step frequency, use a
higher resolution microstepping setting before enabling automatic microstepping.
– For example, 1 Hz step frequency in full step mode corresponds to 16 Hz step frequency in
1/16 microstepping mode. So, if one wants to use automatic microstepping for a full step 1 Hz
step input, MICROSTEP_MODE can be set to 0110b (1/16 microstep), and use RES_AUTO
bits for desired interpolation level.
7.3.7 Custom Microstepping Table
The performance and audible noise of any stepper motor system depends on the torque ripple generated by
both the motor and the load. The torque ripple is defined by the variation in torque at each microstep. For most
stepper motors, the standard sinusoidal microstep indexer is sufficient to achieve acceptable torque ripple and a
good performance.
However, for some motor and load torque combinations, altering the current profile can reduce torque ripple,
resulting in lower vibration and audible noise. When properly programmed, the customized current waveform
ensures equally distanced microstep positions with constant torque and therefore also the best positional
accuracy.
For example, in case of permanent magnet motors, variations in torque are more prominent due to larger step
angle (3.6° to 18°) than that of hybrid motors (0.9° or 1.8°). Due to fewer number of stator teeths, less amount
of flux interacts between the stator teeth and the rotor when the rotor is in between two stator teeths. If the
current level is increased at these intermediate positions, the torque ripple will be lower compared to the default
sinusoidal indexer.
The DRV8461 features a lookup table for tailoring the microstepping current profile to suit the requirements of a
specific motor. The modified current profile is used in place of the default sinusoidal profile by writing '1' to the
EN_CUSTOM bit. The frequency of the STEP input in custom microstepping mode should not exceed 300 kHz.
The details of the interpolation process is described below -
• The user should program the current (% of TRQ_DAC) corresponding to the first quadrant of coil A current in
a 1/8 microstepping setting.
• These current values are stored in CUSTOM_CURRENT1 to CUSTOM_CURRENT8 registers.
• The position for these current values correspond to 11.25°, 22.5°, 33.75°, 45°, 56.25°, 67.5°, 78.75° and 90°
electrical angles.
• The current value for 0° position is assumed to be zero.
• The nine current values (including 0% full-scale current) are interpolated to a total of 256 points using
a piecewise-linear approach to build the complete current waveform. The interpolated waveform always
corresponds to 1/256 microstep, irrespective of the programmed microstepping mode.
• The values for the first quadrant are then mirrored and repeated for the other three quadrants of coil A and
again for the four quadrants of coil B current to construct the complete current waveform.
Table 7-15 shows an example of the user inputs.
Table 7-15. Custom Microstepping Table Values
Position (degrees)
Sine Indexer Value
Modified Value (CUSTOM_CURRENTx)
0
0
0
11.25
49.7
24
22.5
97.6
56
33.75
141.7
96
45
180.3
152
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com