Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 54 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 54 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 50Page - Texas Instruments DRV8461SPWPR Datasheet HTML 51Page - Texas Instruments DRV8461SPWPR Datasheet HTML 52Page - Texas Instruments DRV8461SPWPR Datasheet HTML 53Page - Texas Instruments DRV8461SPWPR Datasheet HTML 54Page - Texas Instruments DRV8461SPWPR Datasheet HTML 55Page - Texas Instruments DRV8461SPWPR Datasheet HTML 56Page - Texas Instruments DRV8461SPWPR Datasheet HTML 57Page - Texas Instruments DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 117 page
background image
f
c
Frequency
Energy
Unmodulated
Modulated
EMI Peak
Reduction
Figure 7-36. EMI Reduction by Spread Spectrum, Frequency Modulation
When the DRV8461 is configured with the SPI interface, spread spectrum can be enabled or disabled by
the DIS_SSC bit. By default, spread spectrum is disabled after power-up. Writing 0b to the DIS_SSC bit
enables spread spectrum. If the device is operating with silent step decay mode, spread spectrum is disabled.
Additionally, when the DRV8461 is configured with the GPIO interface, spread spectrum is disabled.
There are many ways to implement spread spectrum. The DRV8461 uses the triangular analog modulation
profile. Figure 7-37 and Figure 7-38 show the spread spectrum profiles of the internal digital clock and the
charge pump clock around their respective centre frequencies. The digital clock varies by equal amounts over 14
steps between 9 MHz and 11 MHz.
Note that the centre frequencies themselves will vary with process and temperature changes, and the variations
due to spread spectrum will be in addition to those.
Spread spectrum ON
10 MHz
Triangular Modulation
Spread spectrum OFF
Digital Clock
Frequency
11 MHz
9 MHz
1.2 µs
1.2 µs x 14 = 16.8 µs
16.8 µs
DIS_SSC
1b
0b
Figure 7-37. Triangular Spread Spectrum of Internal Digital Clock
Spread spectrum ON
357 kHz
Spread spectrum OFF
Charge Pump
Frequency
416 kHz
312 kHz
2.8 µs
2.8 µs x 4 = 11.2 µs
11.2 µs
DIS_SSC
1b
0b
333 kHz
384 kHz
Triangular Modulation
Figure 7-38. Triangular Spread Spectrum of Charge Pump Clock
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
54
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com