Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 89 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 89 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 85Page - Texas Instruments DRV8461SPWPR Datasheet HTML 86Page - Texas Instruments DRV8461SPWPR Datasheet HTML 87Page - Texas Instruments DRV8461SPWPR Datasheet HTML 88Page - Texas Instruments DRV8461SPWPR Datasheet HTML 89Page - Texas Instruments DRV8461SPWPR Datasheet HTML 90Page - Texas Instruments DRV8461SPWPR Datasheet HTML 91Page - Texas Instruments DRV8461SPWPR Datasheet HTML 92Page - Texas Instruments DRV8461SPWPR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 117 page
background image
7.5.5 Auto torque Registers
The auto torque registers control the auto torque feature. Auto torque registers are read and write capable.
Table 7-71 lists the memory-mapped registers for the auto torque registers. All register offset addresses not
listed in Table 7-71 should be considered as reserved locations and the register contents should not be modified.
Table 7-71. Auto torque Registers Summary Table
Address
Register Name
Section
0x1F
ATQ_CTRL1
Go
0x20
ATQ_CTRL2
Go
0x21
ATQ_CTRL3
Go
0x22
ATQ_CTRL4
Go
0x23
ATQ_CTRL5
Go
0x24
ATQ_CTRL6
Go
0x25
ATQ_CTRL7
Go
0x26
ATQ_CTRL8
Go
0x27
ATQ_CTRL9
Go
0x28
ATQ_CTRL10
Go
0x29
ATQ_CTRL11
Go
0x2A
ATQ_CTRL12
Go
0x2B
ATQ_CTRL13
Go
0x2C
ATQ_CTRL14
Go
0x2D
ATQ_CTRL15
Go
0x2E
ATQ_CTRL16
Go
0x2F
ATQ_CTRL17
Go
0x30
ATQ_CTRL18
Go
7.5.5.1 ATQ_CTRL1 (address = 0x1F) [Default = 00h]
ATQ_CTRL1 is shown in Figure 7-88 and described in Table 7-72.
Read ONLY
Return to the Register Maps Table
Figure 7-88. ATQ_CTRL1 Register
7
6
5
4
3
2
1
0
ATQ_CNT[7:0]
R-00000000b
Table 7-72. ATQ_CTRL1 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
ATQ_CNT[7:0]
R
00000000b Read-only. Indicates the 8 LSB bits of the ATQ_CNT output.
ATQ_CNT is proportional to the mechanical load torque.
7.5.5.2 ATQ_CTRL2 (address = 0x20) [Default = 00h]
ATQ_CTRL2 is shown in Figure 7-89 and described in Table 7-73.
Read/Write
Return to the Register Maps Table
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com