Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments DRV8461SPWPR Datasheet HTML 10Page - Texas Instruments DRV8461SPWPR Datasheet HTML 11Page - Texas Instruments DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments DRV8461SPWPR Datasheet HTML 13Page - Texas Instruments DRV8461SPWPR Datasheet HTML 14Page - Texas Instruments DRV8461SPWPR Datasheet HTML 15Page - Texas Instruments DRV8461SPWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
tHI_nSCS
tSU_nSCS
tSCLK
tSCLKH
tSCLKL
MSB
LSB
tH_SDI
tSU_SDI
Z
Z
MSB
LSB
tH_nSCS
tDIS_nSCS
X
X
tD_SDO
nSCS
SCLK
SDI
SDO
Figure 6-1. SPI Timing Diagram
6.5.2 STEP and DIR Timing Requirements
Typical limits are at TJ = 25°C and VVM = 24 V. Over recommended operating conditions unless otherwise noted.
NO.
MIN
MAX
UNIT
1
ƒSTEP
Step frequency
500(1)
kHz
2
tWH_STEP
Pulse duration, STEP high
970
ns
3
tWL_STEP
Pulse duration, STEP low
970
ns
4
tSU_DIR, Mx
Setup time, DIR or Mx to STEP rising
200
ns
5
tH_DIR, Mx
Hold time, DIR or Mx to STEP rising
200
ns
(1)
STEP input can operate up to 500 kHz, but system bandwidth is limited by the motor load.
STEP
DIR, Mx
4
5
2
3
1
Figure 6-2. STEP and DIR Timing Diagram
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com