Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 96 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 96 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 92Page - Texas Instruments DRV8461SPWPR Datasheet HTML 93Page - Texas Instruments DRV8461SPWPR Datasheet HTML 94Page - Texas Instruments DRV8461SPWPR Datasheet HTML 95Page - Texas Instruments DRV8461SPWPR Datasheet HTML 96Page - Texas Instruments DRV8461SPWPR Datasheet HTML 97Page - Texas Instruments DRV8461SPWPR Datasheet HTML 98Page - Texas Instruments DRV8461SPWPR Datasheet HTML 99Page - Texas Instruments DRV8461SPWPR Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 117 page
background image
Figure 7-104. ATQ_CTRL17 Register (continued)
R/W-0b
R/W-0b
R/W-000000b
Table 7-88. ATQ_CTRL17 Register Field Descriptions
Bit
Field
Type
Default
Description
7
RSVD
R/W
0b
Reserved.
6
VM_SCALE
R/W
0b
When this bit is 1b, the learning routine will automatically modify
the values of the learning parameters in the event of a supply
voltage change.
5-0
RSVD
R/W
000000b
Reserved.
7.5.5.18 ATQ_CTRL18 (address = 0x30) [Default = 00h]
ATQ_CTRL18 is shown in Figure 7-105 and described in Table 7-89.
Read/Write
Return to the Register Maps Table
Figure 7-105. ATQ_CTRL18 Register
7
6
5
4
3
2
1
0
RSVD
R/W-00000000b
Table 7-89. ATQ_CTRL18 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
RSVD
R/W
00000000b Reserved.
7.5.6 Silent Step Registers
The silent step registers control the silent step decay mode. Silent step registers are read and write capable.
Table 7-90 lists the memory-mapped registers for the silent step registers. All register offset addresses not listed
in Table 7-90 should be considered as reserved locations and the register contents should not be modified.
Table 7-90. Silent step Registers Summary Table
Address
Register Name
Section
0x31
SS_CTRL1
Go
0x32
SS_CTRL2
Go
0x33
SS_CTRL3
Go
0x34
SS_CTRL4
Go
0x35
SS_CTRL5
Go
7.5.6.1 SS_CTRL1 (address = 0x31) [Default = 00h]
SS_CTRL1 is shown in Figure 7-106 and described in Table 7-91.
Read/Write
Return to the Register Maps Table
Figure 7-106. SS_CTRL1 Register
7
6
5
4
3
2
1
0
SS_SMPL_SEL[1:0]
RSVD
SS_PWM_FREQ[1:0]
RSVD
EN_SS
R/W-00b
R/W-00b
R/W-00b
R/W-0b
R/W-0b
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
96
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com