Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 61 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 57Page - Texas Instruments DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 117 page
background image
Sometimes the automatic stall learning process might not be successful due to unstable torque count while the
motor is running or is stalled. For example, when the motor has high coil resistance or is running at very high or
low speeds, the torque count might vary a lot over time and the difference between steady count and stall count
might be small. In such cases, it is recommended not to use the automatic stall learning method. Instead, the
user should carefully study the steady count and torque count across the range of operating conditions and set
the threshold midway between the minimum steady count and the maximum stall count.
A stall threshold learnt at one speed may not work well for another speed. It is recommended to re-learn the stall
threshold every time the motor speed is changed by more than ± 10%.
Note
• The stall detection algorithm depends on back-EMF modifying the PWM off time. The back-EMF
is directly proportional to the speed of the motor. In order for stall detection to work reliably, motor
speed should be sufficiently high to be able to generate back-EMF of sufficient amplitude. Higher
motor coil resistance would require higher minimum speed for reliable stall detection.
• When the device goes from Disable mode (H-bridges Hi-z) to Active mode by toggling EN_OUT
bit or ENABLE pin; or when the device recovers from a fault by issuing a CLR_FLT, stall detection
fault may also be flagged. This is because of the time taken by TRQ_CNT to reach a value higher
than STL_TH. As a result of the stall fault, nFAULT may stay low (if STL_REP = 1b), and another
CLR_FLT will be needed to release stall fault and nFAULT pin. This can be prevented by -
– Enabling stall detection after enabling active mode (write EN_STALL = 1b only after writing
EN_OUT = 1b and making ENABLE = logic high)
– By starting the STEP pulses only after the bridge is in active mode or after a CLR_FLT
command has been issued to clear a fault condition.
• If there is loss of current regulation due to low supply voltage, high coil resistance or high speed of
the motor, stall detection may not work reliably, because the TRQ_COUNT can be erratic and may
jump to a high value. This can be checked and confirmed by looking at the coil current waveform.
If the coil current has a standard sinusoidal waveform, and the peak of the sinusoid reaches the
desired full-scale current, then stall detection will work reliably. If the current waveform is triangular
due to high speed or low supply voltage, stall detection algorithm might not work reliably.
• If EN_STL = 1b and auto-torque is also enabled, coil current goes to ATQ_TRQ_MAX when motor
stall is detected.
• If EN_STL = 0b and auto-torque is enabled, coil current goes to ATQ_TRQ_MIN when motor is
stalled.
7.3.19.6 Open-Load Detection (OL)
Open-load fault is detected -
• When the motor is running -
– If coil current drops below the open-load current threshold (IOL)
• When the motor is in a holding condition -
– If coil current drops below the ITRIP level set by the indexer
• If either of the above conditions persists for more than the open-load detection time (tOL)
When the device is operating with SPI interface, the EN_OL bit must be 1b to enable open-load detection.
The open-load detection time (tOL) is set as shown in Table 7-27 -
Table 7-27. Open-load Detection Time
Interface
OL_T
Maximum tOL (ms)
H/W interface
NA
60
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com