Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 62 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 117 page
background image
Table 7-27. Open-load Detection Time (continued)
Interface
OL_T
Maximum tOL (ms)
SPI interface
00b
30
01b (default)
60
10b
120
Once the open-load fault is detected -
• nFAULT is pulled low.
• If the device is operating with SPI interface -
– OL and FAULT bits are latched 1b
– If the OL_A bit is 1b, it indicates an open load fault in winding A, between AOUT1 and AOUT2.
– An open load fault between BOUT1 and BOUT2 causes the OL_B bit to become 1b.
When the open-load condition is removed, the behavior depends on whether the device is configured with H/W
interface or SPI interface.
When the device is configured with H/W interface and open-load condition is removed:
• If the ENABLE pin is logic HIGH, nFAULT is released immediately.
• If the ENABLE pin is Hi-Z, nFAULT is released after a nSLEEP reset pulse has been applied.
When the device is configured with SPI interface and open-load condition is removed:
• If the OL_MODE bit is 1b, nFAULT is released immediately. OL bit in FAULT register and OL_X bits in DIAG2
register are cleared only after a clear faults command is issued either via the CLR_FLT bit or an nSLEEP
reset pulse.
• If the OL_MODE bit is 0b, nFAULT and the fault bits are released after a clear faults command is issued
either via the CLR_FLT bit or an nSLEEP reset pulse.
The open-load fault also clears when the device is power cycled or comes out of sleep mode.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com