Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 76 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 76 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 72Page - Texas Instruments DRV8461SPWPR Datasheet HTML 73Page - Texas Instruments DRV8461SPWPR Datasheet HTML 74Page - Texas Instruments DRV8461SPWPR Datasheet HTML 75Page - Texas Instruments DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 117 page
background image
Table 7-40. Control Registers Summary Table (continued)
Address
Register Name
Section
0x0B
CTRL8
Go
0x0C
CTRL9
Go
0x0D
CTRL10
Go
0x0E
CTRL11
Go
0x0F
CTRL12
Go
0x1A
CTRL13
Go
0x3C
CTRL14
Go
7.5.2.1 CTRL1 (address = 0x04) [Default = 0Fh]
CTRL1 is shown in Figure 7-60 and described in Table 7-41.
Read/Write
Return to the Register Maps Table
Figure 7-60. CTRL1 Control Register
7
6
5
4
3
2
1
0
EN_OUT
SR
IDX_RST
TOFF [1:0]
DECAY [2:0]
R/W-0b
R/W-0b
R/W-0b
R/W-01b
R/W-111b
Table 7-41. CTRL1 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
EN_OUT
R/W
0b
0b = All outputs are disabled
1b = All outputs are enabled
6
SR
R/W
0b
0b = Output rise/fall time 140 ns
1b = Output rise/fall time 70 ns
5
IDX_RST
R/W
0b
When this bit is 1b, it resets the indexer to 45° electrical angle,
but the contents of the memory map registers will not change.
4-3
TOFF [1:0]
R/W
01b
•
00b = 9 µs
•
01b = 19 µs
•
10b = 27 µs
•
11b = 35 µs
2-0
DECAY [2:0]
R/W
111b
•
000b = Slow decay
•
100b = Mixed 30% decay
•
101b = Mixed 60% decay
•
110b = Smart tune Dynamic Decay
•
111b = Smart tune Ripple Control
•
001b, 010b, 011b = Reserved
7.5.2.2 CTRL2 (address = 0x05) [Default = 06h]
CTRL2 is shown in Figure 7-61 and described in Table 7-42.
Read/Write
Return to the Register Maps Table
Figure 7-61. CTRL2 Control Register
7
6
5
4
3
2
1
0
DIR
STEP
SPI_DIR
SPI_STEP
MICROSTEP_MODE [3:0]
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
76
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com