Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 4Page - Texas Instruments DRV8461SPWPR Datasheet HTML 5Page - Texas Instruments DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments DRV8461SPWPR Datasheet HTML 10Page - Texas Instruments DRV8461SPWPR Datasheet HTML 11Page - Texas Instruments DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
MIN
MAX
UNIT
IFS
Motor full-scale current (xOUTx)
0
3 (2)
A
IRMS
Motor RMS current (xOUTx)
0
2.1 (2)
A
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
1. STEP input can operate up to 500 kHz, but system bandwidth is limited by the motor load.
2. Power dissipation and thermal limits must be observed.
6.4 Thermal Information
THERMAL METRIC
DDW
PWP
UNIT
RθJA
Junction-to-ambient thermal resistance
23.2
25.2
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
10.9
15.5
°C/W
RθJB
Junction-to-board thermal resistance
6.6
6.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.2
°C/W
ψJB
Junction-to-board characterization parameter
6.5
6.3
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
1.3
1.3
°C/W
6.5 Electrical Characteristics
Typical values are at TA = 25°C and VVM = 24 V. All limits are over recommended operating conditions, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, DVDD)
IVM
VM operating supply current
ENABLE = 1, nSLEEP = 1, No motor
load, VCC = External 5V
5
7.5
mA
ENABLE = 1, nSLEEP = 1, No motor
load, VCC = DVDD
8
11
IVMQ
VM sleep mode supply current
nSLEEP = 0
2.5
5
μA
tSLEEP
Sleep time
nSLEEP = 0 to sleep-mode
120
μs
tRESET
nSLEEP reset pulse
nSLEEP low to clear fault
20
40
μs
tWAKE
Wake-up time
H/W interface, nSLEEP = 1 to output
transition
0.8
1.2
ms
SPI interface, nSLEEP = 1 to SPI
ready
0.15
0.25
ms
tON
Turn-on time(1)
VM > UVLO to output transition
1
1.3
ms
VDVDD
Internal regulator voltage
No external load, 6 V < VVM < 65 V
4.75
5
5.25
V
No external load, VVM = 4.5 V
4.2
4.35
V
CHARGE PUMP (VCP, CPH, CPL)
VVCP
VCP operating voltage
6 V < VVM < 65 V
VVM
+ 5
V
f
VCP
Charge pump switching
frequency
VVM > UVLO; nSLEEP = 1
357
kHz
fCLK
Internal digital clock frequency
VVM > UVLO; nSLEEP = 1
10
MHz
LOGIC-LEVEL INPUTS (STEP, DIR, MODE, DECAY1, nSCS, SCLK, SDI, nSLEEP)
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com