Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 67 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 67 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments DRV8461SPWPR Datasheet HTML 69Page - Texas Instruments DRV8461SPWPR Datasheet HTML 70Page - Texas Instruments DRV8461SPWPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
7.3.20.5 Functional Modes Summary
Table 7-30. Functional Modes Summary
CONDITION
CONFIGURATION
H-BRIDGE
DVDD
Regulator
CHARGE
PUMP
INDEXER
Logic
Sleep mode
4.5 V < VM <
65 V
nSLEEP pin = 0
Disabled
Disbaled
Disabled
Disabled
Disabled
Operating
4.5 V < VM <
65 V
nSLEEP pin = 1
ENABLE = 1 and EN_OUT =
1b
Operating
Operating
Operating
Operating
Operating
Disabled
4.5 V < VM <
65 V
nSLEEP pin = 1
ENABLE pin = 0 or EN_OUT
= 0b
Disabled
Operating
Operating
Operating
Operating
7.4 Programming
7.4.1 Serial Peripheral Interface (SPI) Communication
When configured to operate with SPI interface, the device has full duplex, 4-wire synchronous communication
that is used to set device configurations, operating parameters, and read out diagnostic information from the
device. This section describes the SPI protocol, the command structure, and the control and status registers.
The SPI operates in target mode and can be connected with a controller in the following configurations:
• One target device
• Multiple target devices in parallel connection
• Multiple target devices in series (daisy chain) connection
7.4.1.1 SPI Format
The serial data input (SDI) word consists of a 16-bit word, with an 8 bit-command (A1), followed by 8-bit data
(D1). The serial data output (SDO) word consists of 8 bits of status register with fault status indication (S1),
followed by a report byte (R1). Figure 7-48 shows the data sequence between the controller and the SPI target
driver.
nSCS
A1
D1
S1
R1
SDI
SDO
Figure 7-48. SPI Format - Standard "16-bit" Frame
A valid frame must meet the following conditions:
• The SCLK pin must be low when the nSCS pin goes low and when the nSCS pin goes high.
• The nSCS pin should be taken high for at least 500 ns between frames.
• When the nSCS pin is asserted high, any signals at the SCLK and SDI pins are ignored, and the SDO pin is
in the high-impedance state (Hi-Z).
• A full 16 SCLK cycles must occur for a valid transaction for a standard frame, or alternately, for a daisy
chainframe with "n" number of peripheral devices, 16 + (n x 16) SCLK cycles must occur for a valid
transaction. Else, a frame error (SPI_ERROR) is reported and the data is ignored if it is a WRITE operation.
• Data on SDO from the device is propagated on the rising edge of SCLK, while data on SDI is captured by
thedevice on the subsequent falling edge of SCLK.
• The most-significant bit (MSB) is shifted in and out first.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com