Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 40 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments DRV8461SPWPR Datasheet HTML 42Page - Texas Instruments DRV8461SPWPR Datasheet HTML 43Page - Texas Instruments DRV8461SPWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
is oberved around the zero crossing, the value of sampling time can be increased to a maximum of 5 μs. The
following scopeshot shows an example of transition from silent step decay mode to smart tune ripple control
decay mode with a sampling time of 5 μs.
Traces from top to bottom: AOUT2, AOUT1, coil A current, coil B current, nSCS
Figure 7-20. Silent step to smart tune transition
7.3.12 Auto-torque Dynamic Current Adjustment
For a typical stepper motor driver, the full-scale current is designed based on the peak load torque demand. This
ensures that the motor does not lose steps any time peak load is demanded. The current therefore is constant
irrespective of the load torque. As a result, when load torque is lower than the peak load, the driver and the
motor dissipate some of the input power as resistive power loss as represented in Figure 7-21.
Margin
Maximum Torque
Power Loss
Op mal Current
Output Current
Time
Figure 7-21. Power Loss with Conventional Stepper Driver
In most systems, the demand for peak load torque occurs only rarely. For example, in an ATM machine, the
stepper motors might be needed to deliver peak load for less than 15% of their overall run time. A typical stepper
driver though ends up delivering full-scale current to the motors all the time - leading to lower system efficiency
due to the unwanted power loss, larger system size and shorter lifetime of components.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com