Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 59 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 55Page - Texas Instruments DRV8461SPWPR Datasheet HTML 56Page - Texas Instruments DRV8461SPWPR Datasheet HTML 57Page - Texas Instruments DRV8461SPWPR Datasheet HTML 58Page - Texas Instruments DRV8461SPWPR Datasheet HTML 59Page - Texas Instruments DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
In the stalled condition, the motor shaft does not spin. The motor starts to spin again when the stall condition is
removed and the motor ramps to its target speed. The nFAULT is released and the fault registers are cleared
when a clear faults command is issued either via the CLR_FLT bit or an nSLEEP reset pulse.
High motor coil resistance can result in low TRQ_COUNT. The TRQ_SCALE bit allows scaling up low
TRQ_COUNT values, for ease of further processing.
• If the initially calculated TRQ_COUNT value is less than 500 and the TRQ_SCALE bit is 1b, then the
TRQ_COUNT output in register is multiplied by a factor of 8.
• If the TRQ_SCALE bit is 0b, TRQ_COUNT retains the value originally calculated by the algorithm.
Stall threshold can be set in two ways –
• The user can write the STALL_TH bits by observing the behavior of the TRQ_COUNT output at all operating
conditions.
• The algorithm can learn the stall threshold using the automatic stall learning process, described below:
– Before learning, ensure that the motor has reached its target speed. Do not learn stall threshold while the
motor speed is ramping up or down.
– Start learning by setting the STL_LRN bit to 1b.
– Run motor with no load.
– Wait for 32 electrical cycles for the driver to learn the steady-state count.
– Stall the motor.
– Wait for 16 electrical cycles for the driver to learn the stall count.
– The STL_LRN_OK bit becomes 1b if learning is successful.
– Stall threshold is calculated as the average of steady count and stall count and stored in the STALL_TH
register.
The flowchart on how to set stall threshold is shown below.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com