Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 80 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 80 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 76Page - Texas Instruments DRV8461SPWPR Datasheet HTML 77Page - Texas Instruments DRV8461SPWPR Datasheet HTML 78Page - Texas Instruments DRV8461SPWPR Datasheet HTML 79Page - Texas Instruments DRV8461SPWPR Datasheet HTML 80Page - Texas Instruments DRV8461SPWPR Datasheet HTML 81Page - Texas Instruments DRV8461SPWPR Datasheet HTML 82Page - Texas Instruments DRV8461SPWPR Datasheet HTML 83Page - Texas Instruments DRV8461SPWPR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 117 page
background image
Table 7-47. CTRL7 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
TRQ_COUNT[7:0]
R
11111111b
8 LSB bits of TRQ_COUNT.
000000000000b = 0 count
XXXXXXXXXXXXb = 1 to 4094 counts
111111111111b = 4095 counts
7.5.2.8 CTRL8 (address = 0x0B) [Default = 0Fh]
CTRL8 is shown in Figure 7-67 and described in Table 7-48.
Read-only
Return to the Register Maps Table
Figure 7-67. CTRL8 Control Register
7
6
5
4
3
2
1
0
RSVD
TRQ_COUNT[11:8]
R-0000b
R-1111b
Table 7-48. CTRL8 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-4
RSVD
R
0000b
Reserved.
3-0
TRQ_COUNT[11:8]
R
1111b
4 MSB bits of TRQ_COUNT.
7.5.2.9 CTRL9 (address = 0x0C) [Default = 10h]
CTRL9 is shown in Figure 7-68 and described in Table 7-49.
Read/Write
Return to the Register Maps Table
Figure 7-68. CTRL9 Control Register
7
6
5
4
3
2
1
0
EN_OL
OL_MODE
OL_T[1:0]
STEP_EDGE
RES_AUTO[1:0]
EN_AUTO
R/W-0b
R/W-0b
R/W-01b
R/W-0b
R/W-00b
R/W-0b
Table 7-49. CTRL9 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
EN_OL
R/W
0b
Write 1b to enable open load detection. When this bit is 0b,
open load detection is disabled.
6
OL_MODE
R/W
0b
0b = nFAULT is released after latched OL fault is cleared using
CLR_FLT bit or nSLEEP reset pulse
1b = nFAULT is released immediately after OL fault condition is
removed
5-4
OL_T[1:0]
R/W
01b
Controls the open load fault detection time.
•
00b = 30 ms (max)
•
01b = 60 ms (max)
•
10b = 120 ms (max)
•
11b = Reserved
3
STEP_EDGE
R/W
0b
0b = Active edge for STEP input is only rising edge
1b = Active edge for STEP input is both rising and falling edges
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
80
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com