Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 64 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 60Page - Texas Instruments DRV8461SPWPR Datasheet HTML 61Page - Texas Instruments DRV8461SPWPR Datasheet HTML 62Page - Texas Instruments DRV8461SPWPR Datasheet HTML 63Page - Texas Instruments DRV8461SPWPR Datasheet HTML 64Page - Texas Instruments DRV8461SPWPR Datasheet HTML 65Page - Texas Instruments DRV8461SPWPR Datasheet HTML 66Page - Texas Instruments DRV8461SPWPR Datasheet HTML 67Page - Texas Instruments DRV8461SPWPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 117 page
background image
7.3.19.7 Overtemperature Warning (OTW)
Overtemperature warning is detected if the die temperature exceeds the trip point of the overtemperature
warning (TOTW). This feature is supported only if the device is operating with SPI interface.
When the OTW is detected -
• OTW and TF bits are made 1b
• The device performs no additional action and continues to function.
• The charge pump remains active.
• If the TW_REP bit is 1b -
– nFAULT is pulled low in the event of OTW
– FAULT bit is made 1b
When the die temperature falls below the hysteresis point (THYS_OTW) of the overtemperature warning, the OTW
and TF bits clear automatically.
7.3.19.8 Thermal Shutdown (OTSD)
Thermal shutdown is detected if the die temperature exceeds the thermal shutdown limit (TOTSD). When thermal
shutdown is detected -
• All MOSFETs in the H-bridges are disabled
• nFAULT is driven low
• Charge pump is disabled
• For operation with SPI interface
– FAULT, TF and OTS bits are set to 1b
The recovery from thermal shutdown protection can be in two different modes: latched shutdown and automatic
retry. The recovery modes can be changed on the fly.
7.3.19.8.1 Latched Shutdown
To select latched shutdown mode,
• If device is operating with H/W interface, the ENABLE pin should be Hi-Z
• If device is operating with SPI interface, OTSD_MODE should be 0b
In this mode, after the junction temperature falls below the overtemperature threshold limit minus the hysteresis
(TOTSD – THYS_OTSD), normal operation resumes after applying an nSLEEP reset pulse or a power cycling.
7.3.19.8.2 Automatic Retry
To select automatic retry mode,
• For H/W interface, the ENABLE pin has to be logic HIGH (>2.7V)
• For SPI interface, OTSD_MODE bit should be 1b
In this mode, normal operation resumes (motor-driver operation and the nFAULT line released) when the
junction temperature falls below the overtemperature threshold limit minus the hysteresis (TOTSD – THYS_OTSD).
When operating with SPI interface, the TF and OTS bits remain latched to 1b indicating that a thermal event
occurred until a clear faults command is issued either via the CLR_FLT bit or an nSLEEP reset pulse.
7.3.19.9 Supply voltage sensing
An internal ADC monitors the supply voltage applied to the motor driver and outputs the value on the VM_ADC
bits in the CTRL14 register. The default value is 01011b, corresponding to 24 V.
This supply voltage reading can be used to implement overvoltage protection by the controller, by disabling the
motor driver when the supply voltage exceeds a predetermined threshold.
7.3.19.10 nFAULT Output
The nFAULT pin has an open-drain output and should be pulled up to a 5-V, 3.3-V or 1.8-V supply. nFAULT pin
will be high after power-up. When a fault is detected, the nFAULT pin will be logic low. For a 5-V pullup, the
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
64
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com