Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments DRV8461SPWPR Datasheet HTML 10Page - Texas Instruments DRV8461SPWPR Datasheet HTML 11Page - Texas Instruments DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments DRV8461SPWPR Datasheet HTML 13Page - Texas Instruments DRV8461SPWPR Datasheet HTML 14Page - Texas Instruments DRV8461SPWPR Datasheet HTML 15Page - Texas Instruments DRV8461SPWPR Datasheet HTML 16Page - Texas Instruments DRV8461SPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
6.6 Typical Characteristics
VM Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
TJ = -40 °C
TJ = 27 °C
TJ = 125 °C
TJ = 150 °C
Figure 6-3. Sleep mode supply current
VM Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
4.6
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
TJ = -40 °C
TJ = 27 °C
TJ = 125 °C
TJ = 150 °C
Figure 6-4. Operating supply current, VCC = External 5 V
VM Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
TJ = -40 °C
TJ = 27 °C
TJ = 125 °C
TJ = 150 °C
Figure 6-5. Operating supply current, VCC = DVDD
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
100
120
140
160
180
200
220
240
260
280
VVM = 4.5 V
VVM = 24 V
VVM = 65 V
Figure 6-6. High-side FET on resistance
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com