Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 92 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 92 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 88Page - Texas Instruments DRV8461SPWPR Datasheet HTML 89Page - Texas Instruments DRV8461SPWPR Datasheet HTML 90Page - Texas Instruments DRV8461SPWPR Datasheet HTML 91Page - Texas Instruments DRV8461SPWPR Datasheet HTML 92Page - Texas Instruments DRV8461SPWPR Datasheet HTML 93Page - Texas Instruments DRV8461SPWPR Datasheet HTML 94Page - Texas Instruments DRV8461SPWPR Datasheet HTML 95Page - Texas Instruments DRV8461SPWPR Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
Figure 7-95. ATQ_CTRL8 Register
7
6
5
4
3
2
1
0
KP[7:0]
R/W-00000000b
Table 7-79. ATQ_CTRL8 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
KP[7:0]
R/W
00000000b Proportional constant for tuning the auto torque PD control loop.
7.5.5.9 ATQ_CTRL9 (address = 0x27) [Default = 00h]
ATQ_CTRL9 is shown in Figure 7-96 and described in Table 7-80.
Read/Write
Return to the Register Maps Table
Figure 7-96. ATQ_CTRL9 Register
7
6
5
4
3
2
1
0
RSVD
KD[3:0]
R/W-0000b
R/W-0000b
Table 7-80. ATQ_CTRL9 Register Field Descriptions
Bit
Field
Type
Default
Description
7-4
RSVD
R/W
0000b
Reserved.
3-0
KD[3:0]
R/W
0000b
Differential constant for tuning the auto torque PD control loop.
7.5.5.10 ATQ_CTRL10 (address = 0x28) [Default = 08h]
ATQ_CTRL10 is shown in Figure 7-97 and described in Table 7-81.
Read/Write
Return to the Register Maps Table
Figure 7-97. ATQ_CTRL10 Register
7
6
5
4
3
2
1
0
ATQ_EN
LRN_START
ATQ_FRZ[2:0]
ATQ_AVG[2:0]
R/W-0b
R/W-0b
R/W-001b
R/W-000b
Table 7-81. ATQ_CTRL10 Register Field Descriptions
Bit
Field
Type
Default
Description
7
ATQ_EN
R/W
0b
0 = auto torque is disabled
1 = auto torque is enabled
6
LRN_START
R/W
0b
Writing 1b to this bit enables the auto torque learning process.
After learning is completed, the bit automatically goes to 0b.
5-3
ATQ_FRZ[2:0]
R/W
001b
Delay in electrical half-cycles after which current is changed in
response to the PD loop. A small value increases the current
quickly to meet peak load demand. This parameter has a range
of 1 to 7.
001b - Fastest response time, but the loop can become unstable
111b - Slowest response, but the loop will be stable
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com