Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 36 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 32Page - Texas Instruments DRV8461SPWPR Datasheet HTML 33Page - Texas Instruments DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
DRV8461
VM
RSENSE
OP-AMP
Controller
(Motor Health
or FOC
)
Figure 7-16. Current Sensing with External Resistor
No current flows through the sense resistor during the slow decay, so the sense resistor conducts less than
the coil RMS current. Place the sense resistors as close as possible to the corresponding IC pins. Use a
symmetrical sense resistor layout to ensure good matching. Low-inductance sense resistors should be used
to prevent voltage spikes and ringing. For optimal performance, the sense resistor should be a surface-mount
resistor rated for high enough power.
7.3.11 Silent step decay mode
Conventional peak current mode control looks at instantaneous current in the sensing MOSFETs to determine
drive and decay durations. As a result, the motor driver reacts to instantaneous inaccuracies in the system.
These sudden changes in current cause audible noise from the motor.
To ensure noiseless stepper motor operation, the DRV8461 features the silent step decay mode. The silent step
is a voltage mode PWM regulation scheme to remove noise due to PWM switching at standstill and low speeds.
Thus, silent step operated stepper motor applications are highly suitable for applications such as 3D printer,
medical equipment and factory automation, where low noise operation is critical.
Note
When the device is operating with silent step decay mode -
• Open-load fault detection works only when the motor is in motion, but not if the motor is in
standstill.
• Stall detection is not supported.
• Spread spectrum feature is disabled.
The silent step loop is designed for low bandwidth operation, therefore at moderate to high motor speeds, the
decay mode can be switched back to one of the conventional current-mode decay schemes programmed by the
DECAY bits. Transition from silent step to another decay mode is immediate, whereas the transition from other
decay modes to silent step happens at the boundary of electrical half-cycles.
Figure 7-17 shows the block diagram of the silent step decay mode implementation -
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com