Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV8461SPWPR Datasheet HTML 1Page - Texas Instruments DRV8461SPWPR Datasheet HTML 2Page - Texas Instruments DRV8461SPWPR Datasheet HTML 3Page - Texas Instruments DRV8461SPWPR Datasheet HTML 4Page - Texas Instruments DRV8461SPWPR Datasheet HTML 5Page - Texas Instruments DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 117 page
background image
7
8
9
10
11
12
28
27
26
25
24
23
AOUT2
BOUT2
BOUT1
PGNDB
VM
nSLEEP
ENABLE
DIR
STEP
SCLK
SDI
Thermal
PAD
1
2
3
4
5
6
CPL
CPH
VCP
VM
PGNDA
AOUT1
22
21
20
19
18
17
SDO
nSCS
VREF
nFAULT
DVDD
13
14
AOUT1
AOUT2
BOUT2
16
15
GND
BOUT1
VCC
Figure 5-2. PWP Package (28-Pin HTSSOP) with SPI interface, Top View
7
8
9
10
11
12
28
27
26
25
24
23
AOUT2
BOUT2
BOUT1
PGNDB
VM
nSLEEP
ENABLE
DIR
STEP
M1
DECAY0
Thermal
PAD
1
2
3
4
5
6
CPL
CPH
VCP
VM
PGNDA
AOUT1
22
21
20
19
18
17
DECAY1
M0
VREF
nFAULT
DVDD
13
14
AOUT1
AOUT2
BOUT2
16
15
GND
BOUT1
TOFF
Figure 5-3. PWP Package (28-Pin HTSSOP) with H/W interface, Top View
PIN
TYPE
DESCRIPTION
NAME
DDW
PWP
SPI
Interface
H/W
Interface
VCC
25
19
-
Power
Supply voltage for internal logic blocks. When separate logic
supply voltage is not available, tie the VCC pin to the DVDD
pin. When configured with SPI interface, the VCC pin also
acts as the supply pin for SDO output. See Section 7.3.16 for
details.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com