Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 5 Page - Texas Instruments

  DRV8461SPWPR Datasheet HTML 1Page - Texas Instruments DRV8461SPWPR Datasheet HTML 2Page - Texas Instruments DRV8461SPWPR Datasheet HTML 3Page - Texas Instruments DRV8461SPWPR Datasheet HTML 4Page - Texas Instruments DRV8461SPWPR Datasheet HTML 5Page - Texas Instruments DRV8461SPWPR Datasheet HTML 6Page - Texas Instruments DRV8461SPWPR Datasheet HTML 7Page - Texas Instruments DRV8461SPWPR Datasheet HTML 8Page - Texas Instruments DRV8461SPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 117 page
background image
PIN
TYPE
DESCRIPTION
NAME
DDW
PWP
SPI
Interface
H/W
Interface
RSVD/TOFF
35
-
19
Input
This pin is not used with SPI interface. With H/W interface, this
pin programs the OFF time for PWM current regulation.
VCP
1
1
Power
Charge pump output. Connect a X7R, 1-μF, 16-V ceramic
capacitor from VCP to VM.
VM
2, 11, 12, 21
2, 13
Power
Power supply. Connect to motor supply voltage and bypass to
PGNDA and PGNDB with two 0.01-μF ceramic capacitors plus
a bulk capacitor rated for VM.
PGNDA
3, 10
3
Power
Power ground. Connect to system ground.
PGNDB
13, 20
12
Power
Power ground. Connect to system ground.
AOUT1
4, 5, 6
4, 5
Output
Winding A output. Connect to motor winding.
AOUT2
7, 8, 9
6, 7
Output
Winding A output. Connect to motor winding.
BOUT2
14, 15, 16
8, 9
Output
Winding B output. Connect to motor winding.
BOUT1
17, 18, 19
10, 11
Output
Winding B output. Connect to motor winding.
GND
22, 23
14
Power
Device ground. Connect to system ground.
DVDD
24
15
Power
Internal LDO output. Connect a X7R, 1-μF, 6.3-V or 10-V rated
ceramic capacitor to GND.
nFAULT
26
16
Open Drain
Fault indication output. Pulled logic low with fault condition.
Open-drain nFAULT requires an external pullup resistor.
nHOME
27
-
Open Drain
Pulled logic low when the internal indexer is at home position
(45°) of step table. The nHOME pin outputs one low pulse
per 360º electrical rotation (four fullsteps). Only available with
DDW package. See Section 7.3.5.1 for details.
MODE
28
-
Input
For the DDW package, MODE pin programs the device with
either SPI or hardware (H/W) pin interface. See Section 7.3.1
for details.
RSVD
29, 30, 31, 32
-
-
Reserved. Leave unconnected.
VREF
33
17
Input
Voltage reference input for setting full-scale current. DVDD
can be used to generate VREF through a resistor divider.
When configured with SPI interface, the VREF pin can be left
unconnected if VREF_INT_EN = 1b.
nSCS/M0
34
18
Input
With SPI interface, this pin acts as serial chip select. An active
low on this pin enables the serial interface communications.
With H/W interface, this pin programs the microstepping mode.
SDO/
DECAY1
36
20
Push-Pull/Input
With SPI interface, this pin acts as serial data output. Data
is shifted out on the rising edge of the SCLK pin. With H/W
interface, this pin programs the decay-mode.
SDI/DECAY0
37
21
Input
With SPI interface, this pin acts as serial data input. Data
is captured on the falling edge of the SCLK pin. With H/W
interface, this pin programs the decay-mode.
SCLK/M1
38
22
Input
With SPI interface, this pin acts as serial clock input. Serial
data is shifted out and captured on the corresponding rising
and falling edge on this pin. With H/W interface, this pin
programs the microstepping mode.
STEP
39
23
Input
Step input. An active edge causes the indexer to advance one
step. With SPI interface, STEP active edge can be either rising
edge or both rising and falling edge. With H/W interface, STEP
active edge is always the rising edge.
DIR
40
24
Input
Direction input. Logic level sets the direction of stepping.
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com