Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 16 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 12Page - Texas Instruments DRV8461SPWPR Datasheet HTML 13Page - Texas Instruments DRV8461SPWPR Datasheet HTML 14Page - Texas Instruments DRV8461SPWPR Datasheet HTML 15Page - Texas Instruments DRV8461SPWPR Datasheet HTML 16Page - Texas Instruments DRV8461SPWPR Datasheet HTML 17Page - Texas Instruments DRV8461SPWPR Datasheet HTML 18Page - Texas Instruments DRV8461SPWPR Datasheet HTML 19Page - Texas Instruments DRV8461SPWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
7.2 Functional Block Diagram
VCP
CPH
CPL
VM
VM
0.1 F
Power
Charge
Pump
DVDD
Regulator
DVDD
1 F
STEP
DIR
ENABLE
nSLEEP
Control
Inputs
VREF
Analog
Input
Smart tune
Gate
Drivers
VM
Current
Sense
VM
Current
Sense
SINE DAC
AOUT1
AOUT2
PGNDA
VVREF
Stepper
Motor
Fault Output
nFAULT
DVDD
Protection
Overcurrent
PPAD
GND
Undervoltage
Open Load
Overtemperature
RnFAULT
Microstepping
Indexer
1 µF
VVREF
BOUT1
BOUT2
PGNDB
Gate
Drivers
VM
Current
Sense
VM
Current
Sense
SINE DAC
VVREF
K
V
+
–
K
V
+
–
0.1 F
VCC
nHOME
RnHOME
MODE = 1
Indexer
Position
DVDD
SDI
SCLK
SDO
nSCS
SPI
VCC
VREF
RREF2
RREF1
VCC
Silent step Decay
Auto-torque
Automatic
Microstepping
Customizable
Microstepping
Standstill
Power Saving
DIGITAL
CORE
Stall Detection
VCC
Figure 7-1. DRV8461 Block Diagram with SPI Interface
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com