Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 38 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 34Page - Texas Instruments DRV8461SPWPR Datasheet HTML 35Page - Texas Instruments DRV8461SPWPR Datasheet HTML 36Page - Texas Instruments DRV8461SPWPR Datasheet HTML 37Page - Texas Instruments DRV8461SPWPR Datasheet HTML 38Page - Texas Instruments DRV8461SPWPR Datasheet HTML 39Page - Texas Instruments DRV8461SPWPR Datasheet HTML 40Page - Texas Instruments DRV8461SPWPR Datasheet HTML 41Page - Texas Instruments DRV8461SPWPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
Table 7-22. Silent step Parameter Table (continued)
Parameter
Description
SS_THR[7:0]
Programs the frequency at which the device transitions from silent step decay mode to another decay
mode programmed by the DECAY bits. This frequency corresponds to the frequency of the sinusoidal
current waveform.
•
00000001b = 2 Hz
•
00000010b = 4 Hz
•
.
•
.
•
11111111b = 510 Hz (default)
To convert the SS_THR threshold to STEP frequency (fSTEP) for a specified microstepping setting, Equation 6
should be used -
fSTEP = (SS_THR * 1000 * usm) / 256
(6)
Where usm corresponds to the number of microsteps (4, 16, 256 etc.). When the device is operating with custom
microstepping mode, use usm = 256 in Equation 6 when calculating the STEP frequency.
The gain vs frequency plot of the silent step loop is shown below -
Loop Gain (dB)
Frequency
Pole at Origin
UGB
Motor Pole
PI Zero
Attenuated Frequency
Allowed Frequency
UGB reduced
UGB increased
Figure 7-18. Silent step Gain vs. Frequency
The loop transfer function has two poles and one zero -
• One pole at origin
• One pole (fP) due to the motor coil resistance and inductance -
fP = RMOTOR / (2 * π * LMOTOR)
(7)
• One zero (fZ) created by the PI loop
fZ = (KI * FPWM) / (2 * π * KP)
(8)
The proportional gain KP should be chosen to achieve the desired loop gain. Use the following equation to
calculate the KP -
KP = 6 * π * UGB * LMOTOR / VM
(9)
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com