Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 101 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 101 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 97Page - Texas Instruments DRV8461SPWPR Datasheet HTML 98Page - Texas Instruments DRV8461SPWPR Datasheet HTML 99Page - Texas Instruments DRV8461SPWPR Datasheet HTML 100Page - Texas Instruments DRV8461SPWPR Datasheet HTML 101Page - Texas Instruments DRV8461SPWPR Datasheet HTML 102Page - Texas Instruments DRV8461SPWPR Datasheet HTML 103Page - Texas Instruments DRV8461SPWPR Datasheet HTML 104Page - Texas Instruments DRV8461SPWPR Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Stepper Motor Speed
The first step in configuring the DRV8461 requires the desired motor speed and microstepping level. If the target
application requires a constant speed, then a square wave with frequency ƒstep must be applied to the STEP pin.
If the target motor speed is too high, the motor does not spin. Make sure that the motor can support the target
speed. Use Equation 15 to calculate ƒstep for a desired motor speed (v), microstepping level (nm), and motor full
step angle (θstep)
step
step
m
v (rpm)
360 ( / rot)
¦
VWHSV V
( / step) n
(steps / microstep)
60 (s / min)
u
q
T
q
u
u
(15)
The value of θstep can be found in the stepper motor data sheet, or written on the motor. For example, the
motor in this application is required to rotate at 1.8°/step for a target of 7.5 rpm at 1/16 microstep mode. Using
Equation 15, ƒstep can be calculated as 400 Hz.
The microstepping level is set by the M0 and M1 pins or the MICROSTEP_MODE bits and can be any of the
settings listed in Table 7-5. Higher microstepping results in a smoother motor motion and less audible noise, but
requires a higher ƒstep to achieve the same motor speed.
8.2.3 Application Performance Plots
Ch 1 = Coil A current, Ch 5 = Coil B current, Ch 6 = AOUT1, Ch 7 = AOUT2
Figure 8-2. 1/16 microstepping at 400 pps with IFS = 3 A
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com