Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 104 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 104 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 100Page - Texas Instruments DRV8461SPWPR Datasheet HTML 101Page - Texas Instruments DRV8461SPWPR Datasheet HTML 102Page - Texas Instruments DRV8461SPWPR Datasheet HTML 103Page - Texas Instruments DRV8461SPWPR Datasheet HTML 104Page - Texas Instruments DRV8461SPWPR Datasheet HTML 105Page - Texas Instruments DRV8461SPWPR Datasheet HTML 106Page - Texas Instruments DRV8461SPWPR Datasheet HTML 107Page - Texas Instruments DRV8461SPWPR Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 117 page
background image
8.2.4.4 Power Dissipation Due to Quiescent Current
When the VCC pin is connected to an external voltage, the quiescent current is typically 5 mA. The power
dissipation due to the quiescent current consumed by the power supply is calculated as shown below -
PQ = VVM x IVM
(23)
Substituting the values, quiescent power loss can be calculated as shown below -
PQ = 24-V x 5-mA = 0.12-W
(24)
Note
The quiescent power loss is calculated using the typical operating supply current (IVM) which is
dependent on supply-voltage, temperature and device to device variations.
8.2.4.5 Total Power Dissipation
The total power dissipation (PTOT) is calculated as the sum of conduction loss, switching loss and the quiescent
power loss as shown in Equation 25.
PTOT = PCOND + PSW + PQ = 2.7-W + 0.428-W + 0.12-W = 3.248-W
(25)
8.2.4.6 Device Junction Temperature Estimation
For an ambient temperature of TA and total power dissipation (PTOT), the junction temperature (TJ) is calculated
as -
TJ = TA + (PTOT x RθJA)
Considering a JEDEC standard 4-layer PCB, the junction-to-ambient thermal resistance (RθJA) is 23.2 °C/W for
the DDW package and 25.2 °C/W for the PWP package.
Assuming 25°C ambient temperature, the junction temperature for the DDW package is calculated as shown
below -
TJ = 25°C + (3.248-W x 23.2 °C/W) = 100.4 °C
(26)
The junction temperature for the PWP package is calculated as shown below -
TJ = 25°C + (3.248-W x 25.2 °C/W) = 106.8 °C
(27)
As explained in Section 8.2.4.2, for more accurate calculation, consider the dependency of on-resistance of
FETs with device junction temperature shown in Section 6.6.
For example,
• At 100.4 °C junction temperature, the on-resistance will likely increase by a factor of 1.3 compared to the
on-resistance at 25 °C.
• The initial estimate of conduction loss was 2.7 W.
• New estimate of conduction loss will therefore be 2.7 W x 1.3 = 3.51 W.
• New estimate of the total power loss will accordingly be 4.058 W.
• New estimate of junction temperature for the DDW package will be 119.1 °C.
• Further iterations are unlikely to increase the junction temperature estimate by significant amount.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
104
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com