Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 108 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 108 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 104Page - Texas Instruments DRV8461SPWPR Datasheet HTML 105Page - Texas Instruments DRV8461SPWPR Datasheet HTML 106Page - Texas Instruments DRV8461SPWPR Datasheet HTML 107Page - Texas Instruments DRV8461SPWPR Datasheet HTML 108Page - Texas Instruments DRV8461SPWPR Datasheet HTML 109Page - Texas Instruments DRV8461SPWPR Datasheet HTML 110Page - Texas Instruments DRV8461SPWPR Datasheet HTML 111Page - Texas Instruments DRV8461SPWPR Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
11 Layout
11.1 Layout Guidelines
• The VM pins should be bypassed to PGND pins using low-ESR ceramic bypass capacitors with a
recommended value of 0.01 µF rated for VM. The capacitors should be placed as close to the VM pins
as possible with a thick trace or ground plane connection to the device PGND pins.
• The VM pins should be bypassed to PGND using a bulk capacitor rated for VM. This component can be an
electrolytic capacitor.
• A low-ESR ceramic capacitor must be placed in between the CPL and CPH pins. A value of 0.1 µF rated for
VM is recommended. Place this component as close to the pins as possible.
• A low-ESR ceramic capacitor must be placed in between the VM and VCP pins. A value of 1 µF rated for 16
V is recommended. Place this component as close to the pins as possible.
• Bypass the DVDD pin to ground with a low-ESR ceramic capacitor. A value of 1 µF rated for 6.3 V is
recommended. Place this bypassing capacitor as close to the pin as possible.
• Bypass the VCC pin to ground with a low-ESR ceramic capacitor. A value of 0.1 µF rated for 6.3 V is
recommended. Place this bypassing capacitor as close to the pin as possible.
• In general, inductance between the power supply pins and decoupling capacitors must be avoided.
• The thermal PAD of the package must be connected to system ground.
– It is recommended to use a big unbroken single ground plane for the whole system / board. The ground
plane can be made at bottom PCB layer.
– In order to minimize the impedance and inductance, the traces from ground pins should be as short and
wide as possible, before connecting to bottom layer ground plane through vias.
– Multiple vias are suggested to reduce the impedance.
– Try to clear the space around the device as much as possible especially at bottom PCB layer to improve
the heat spreading.
– Single or multiple internal ground planes connected to the thermal PAD will also help spreading the heat
and reduce the thermal resistance.
11.2 Layout Example
Follow the layout example of the DRV8461 EVM. The design files can be downloaded from the DRV8461EVM
product folder.
DRV8461
SLOSE98 – DECEMBER 2022
www.ti.com
108
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com