Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 105 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 105 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 101Page - Texas Instruments DRV8461SPWPR Datasheet HTML 102Page - Texas Instruments DRV8461SPWPR Datasheet HTML 103Page - Texas Instruments DRV8461SPWPR Datasheet HTML 104Page - Texas Instruments DRV8461SPWPR Datasheet HTML 105Page - Texas Instruments DRV8461SPWPR Datasheet HTML 106Page - Texas Instruments DRV8461SPWPR Datasheet HTML 107Page - Texas Instruments DRV8461SPWPR Datasheet HTML 108Page - Texas Instruments DRV8461SPWPR Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 117 page
background image
9 Thermal Considerations
9.1 Thermal Pad
Thermal pad of both DDW and PWP packages is attached at bottom of device to improve the thermal capability
of the device. The thermal pad has to be soldered with a very good coverage on PCB in order to deliver the
power specified in the datasheet. Refer to the Layout Guidelines section for more details.
9.2 PCB Material Recommendation
FR-4 Glass Epoxy material with 2 oz. (70 μm) copper on both top and bottom layer is recommended for
improved thermal performance and better EMI margin (due to lower PCB trace inductance).
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com