Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8461SPWPR Datasheet(PDF) 103 Page - Texas Instruments

Part # DRV8461SPWPR
Description  DRV8461: 65 V, 3 A Stepper Motor Driver for High Efficiency and Noiseless Operation
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8461SPWPR Datasheet(HTML) 103 Page - Texas Instruments

Back Button DRV8461SPWPR Datasheet HTML 99Page - Texas Instruments DRV8461SPWPR Datasheet HTML 100Page - Texas Instruments DRV8461SPWPR Datasheet HTML 101Page - Texas Instruments DRV8461SPWPR Datasheet HTML 102Page - Texas Instruments DRV8461SPWPR Datasheet HTML 103Page - Texas Instruments DRV8461SPWPR Datasheet HTML 104Page - Texas Instruments DRV8461SPWPR Datasheet HTML 105Page - Texas Instruments DRV8461SPWPR Datasheet HTML 106Page - Texas Instruments DRV8461SPWPR Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 117 page
background image
8.2.4 Thermal Application
This section presents the power dissipation calculation and junction temperature estimation of the device.
8.2.4.1 Power Dissipation
The total power dissipation constitutes of three main components - conduction loss (PCOND), switching loss
(PSW) and power loss due to quiescent current consumption (PQ).
8.2.4.2 Conduction Loss
The current path for a motor connected in full-bridge is through the high-side FET of one half-bridge and
low-side FET of the other half-bridge. The conduction loss (PCOND) depends on the motor rms current (IRMS) and
high-side (RDS(ONH)) and low-side (RDS(ONL)) on-state resistances as shown in Equation 16.
PCOND = 2 x (IRMS)2 x (RDS(ONH) + RDS(ONL))
(16)
The conduction loss for the typical application shown in Table 8-1 is calculated in Equation 17.
PCOND = 2 x (IRMS)2 x (RDS(ONH) + RDS(ONL)) = 2 x (3-A / √2)2 x (0.3-Ω) = 2.7-W
(17)
Note
This power calculation is highly dependent on the device temperature which significantly effects
the high-side and low-side on-resistance of the FETs. For more accurate calculation, consider the
dependency of on-resistance of FETs with device temperature.
8.2.4.3 Switching Loss
The power loss due to the PWM switching frequency depends on the output voltage rise/fall time (tRF), supply
voltage, motor RMS current and the PWM switching frequency. The switching losses in each H-bridge during
rise-time and fall-time are calculated as shown in Equation 18 and Equation 19.
PSW_RISE = 0.5 x VVM x IRMS x tRF x fPWM
(18)
PSW_FALL = 0.5 x VVM x IRMS x tRF x fPWM
(19)
The DRV8461 features two values of output rise/fall time (tRF) - 140 ns and 70 ns. The smaller rise/fall time
obviously results in lesser switching loss. Assuming tRF = 140 ns and 30-kHz PWM frequencyfor this exercise,
and after substituting the values of various parameters, the switching losses in each H-bridge are calculated as
shown below -
PSW_RISE = 0.5 x 24-V x (3-A / √2) x (140 ns) x 30-kHz = 0.107-W
(20)
PSW_FALL = 0.5 x 24-V x (3-A / √2) x (140 ns) x 30-kHz = 0.107-W
(21)
The total switching loss for the stepper motor driver (PSW) is calculated as twice the sum of rise-time (PSW_RISE)
switching loss and fall-time (PSW_FALL) switching loss as shown below -
PSW = 2 x (PSW_RISE + PSW_FALL) = 2 x (0.107-W + 0.107-W) = 0.428-W
(22)
Note
The output rise/fall time (tRF) is expected to change based on the supply-voltage, temperature and
device to device variation.
The switching loss is directly proportional to the PWM switching frequency. The PWM frequency in an
application will depend on the supply voltage, inductance of the motor coil, back emf voltage and OFF
time or the ripple current (for smart tune ripple control decay mode).
www.ti.com
DRV8461
SLOSE98 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: DRV8461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com